Part Number Hot Search : 
SXXFE1 MC14175B 10SQ035 SY100S MAX5894 KAQW212A E004870 0200A
Product Description
Full Text Search
 

To Download NPR1000M100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NON-POLAR ALUMINUM ELECTROLYTIC
NPR, NPA (Non-Polarized) SERIES
SUBMINIATURE N0N-POLARIZED (NPR: Radial Leads, NPA: Axial Leads)
The NPR and NPA Series subminiature aluminum electrolytic capacitors are especially designed for use in circuits whose polarity is reversed or unknown or in crossover networks which do not require tough characteristic requirements.
MECHANICAL SPECIFICATIONS
Lead Solderability: Meets the requirements of MIL-STD 202, Method 208 Marking: Consists of series type, nominal capacitance, rated voltage, temperature range, anode and/or cathode identification, vendor identification. Recommended Cleaning Solvents: Methanol, isopropanol ethanol, isobutanol, petroleum ether, propanol and/or commercial detergents. Halogenated hydrocarbon cleaning agents such as Freon (MF, TF, or TC), trichloroethylene, trichloroethane, or methylchloride are not recommended as they may damage the capacitor.
RATINGS
Capacitance Range: 0.47f to 1000f Tolerance: 20% Voltage Range: 16V to 100V
PERFORMANCE SPECIFICATIONS
Operating Temperature Range: -40C to +85C (-40F to +185F) Leakage Current: I 0.002CV + 3A (measured after 5 minutes of applied voltage) I = Leakage Current (A) C = Nominal Capacitance (f) V = Rated Voltage (V) Capacitance Tolerance (M): 20% measured at 20C (68F), 120Hz Dissipation Factor: measured at +20C (+68F),120HZ
Rated Voltage 0.1f to 1000f 16 0.16 25 0.12 50 0.08 63 0.06 100 0.06
CASE SIZES AND DIMENSIONS:
NPR SERIES
Insulating Sleeve 18.0 Min
dO
A 0.5
L L' 5.0 Min L' = L + 1.0 Max at D O 8.0
DO D' O L' = L + 2.0 Max at D O 10.0
Impedance Ratio at Low Temperature: 120HZ
Comparison Z WV Z @ -25C (-13F)/ Z @ +20C (+68F) Z @ -40C (-40F)/ Z @ +20C (+68F) 16 2 3 25 1.5 2 50 1.5 2 63 2 4 100 2 4
D' O = D O + 0.5 Max
NPA SERIES
L dO Insulating Sleeve
Surge Voltage:
DC Rated Voltage Surge Voltage 16 20 25 32 50 63 63 79 100 125
Load Life: 1000 12Hrs @ +85C (+185F), at rated voltage Leakage Current: Within values specified above Dissipation Factor: Within 150% of specified value Capacitance Change Max: 15% of initial value
Rated Voltage 160V to 450V Capacitance Change Max Within 30% of the initial value
35.0 Min L'
2.3 Max DO 35.0 Min D' O
D' O = D O + 0.5 Max
L' = L + 1.0 Max at D O 8.0
L' = L + 2.0 Max at D O 10.0
Shelf Life: 1000 Hrs @ +85C (+185F), no voltage applied Leakage Current: Within values specified above Dissipation Factor: Within 150% of specified value Capacitance Change Max: Within 15% of initial value
ORDERING INFORMATION
NPR Series Capacitance Tolerance Voltage 47 M 50
NTE Electronics, Inc. D Voice (973) 748-5089 D FAX (973) 748-6224 D http://www.nteinc.com
7
NON-POLAR ALUMINUM ELECTROLYTIC
NPR, NPA (Non-Polarized) SERIES
NPR Series (Radial Type) Dimensions: Diameter (D O) x Length (L): mm
Rated Voltage Cap (f) (WV) 16 20 25 32 50 63 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 6 x 11 6 x 11 8 x 11.5 10 x 12.5 10 x 20 13 x 20 13 x 25 16 x 25 5 x 11 6 x 11 8 x 11.5 10 x 12.5 10 x 16 13 x 25 13 x 25 16 x 25 16 x 30.5 6 x 11 8 x 11.5 10 x 12.5 10 x 16 10 x 20 13 x 25 16 x 25 16 x 30.5 5 x 11 5 x 11 6 x 11 6 x 11 8 x 11.5 10 x 12.5 10 x 16 10 x 20 13 x 25 16 x 30 63 79 100 125 5 x 11 5 x 11 6 x 11 8 x 11.5 8 x 11.5 10 x 12.5 10 x 20 13 x 20 13 x 25 16 x 25 Surge Voltage (V) 0.47 1.0 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1000
* These dimensions are for reference only, please consult the factory for actual size.
NPR Series (Radial Type) Mechanical Specifications: mm
Outside Diameter (D O) Lead Spacing (A) Lead Diameter (d O) 5 2 0.5 6 2.5 0.6 8 3.5 0.6 10 5 0.6 13 5 0.6 16 7.5 0.8
* These dimensions are for reference only, please consult the factory for actual size.
NPA Series (Axial Type) Dimensions: Diameter (D O) x Length (L): mm
Rated Voltage Cap (f) (WV) 16 20 25 32 50 63 6 x 15 6 x 15 6 x 15 6 x 15 6 x 15 6 x 15 6 x 15 6 x 19 8 x 19 10 x 21 10 x 25 10 x 30 13 x 30 16 x 30 6 x 19 8 x 19 8 x 19 10 x 25 13 x 30 13 x 30 16 x 30 6 x 19 10 x 21 10 x 21 10 x 25 13 x 30 16 x 30 16 x 41 6 x 15 6 x 15 6 x 15 6 x 15 8 x 19 10 x 21 10 x 25 10 x 25 13 x 30 16 x 30 16 x 41 63 79 100 125 6 x 15 6 x 15 6 x 15 6 x 19 8 x 19 10 x 21 10 x 25 13 x 30 13 x 30 16 x 30 Surge Voltage (V) 0.47 1.0 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1000
* These dimensions are for reference only, please consult the factory for actual size.
NPA Series (Axial Type) Mechanical Specifications: mm
Outside Diameter (D O) Lead Diameter (d O) 6 0.6 8 0.6 10 0.6 13 0.8 16 0.8
* These dimensions are for reference only, please consult the factory for actual size.
8
NTE Electronics, Inc. D Voice (973) 748-5089 D FAX (973) 748-6224 D http://www.nteinc.com


▲Up To Search▲   

 
Price & Availability of NPR1000M100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X